PART |
Description |
Maker |
FDC855N |
30V Single N-Channel, Logic Level, PowerTrench MOSFET; Package: SSOT-6; No of Pins: 6; Container: Tape & Reel 6100 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, MO-193AA Single N-Channel, Logic Level, PowerTrench㈢ MOSFET 30V, 6.1A, 27mヘ Single N-Channel, Logic Level, PowerTrench? MOSFET 30V, 6.1A, 27mΩ
|
Fairchild Semiconductor, Corp.
|
FDP7030BL FDB7030BL FDP7030 FDB7030BLNL |
N-Channel Logic Level PowerTrenchTM MOSFET N-Channel Logic Level PowerTrench MOSFET 60 A, 30 V, 0.009 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
FQB33N10L FQI33N10L FQB33N10LTM |
100V LOGIC N-Channel MOSFET 100V N-Channel Logic Level QFET 100 LOGIC N-Channel MOSFET
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor]
|
FQI9N08L FQB9N08L FQB9N08LTM FQI9N08LTU |
80V LOGIC N-Channel MOSFET 9.3 A, 80 V, 0.23 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263 80V N-Channel Logic Level QFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor] http://
|
NID9N05CL NID9N05CLT4 NID9N05CLT4G |
Power MOSFET Power MOSFET 9 Amps, 52 Volts N-Channel, Logic Level(9 A, 52V?昏??靛钩锛???????MOSFET) Power MOSFET 9 A, 52 V, N-Channel, Logic Level, Clamped MOSFET w/ESD Protection in a DPAK Package
|
ON Semiconductor
|
PSMN4R0-25YLC PSMN4R0-25YLC-15 |
N-channel 25 V 4.5 mΩ logic level MOSFET in LFPAK N-channel 25 V 4.5 m logic level MOSFET in LFPAK 84 A, 25 V, 0.0058 ohm, N-CHANNEL, Si, POWER, MOSFET, MO-235
|
NXP Semiconductors N.V.
|
SUD23N06-31L |
TERMINAL IGBT模块 N-Channel 60-V (D-S), 175C MOSFET, Logic Level N-Channel 60-V (D-S) 175C MOSFET, Logic Level
|
Vishay Intertechnology, Inc. VISAY[Vishay Siliconix]
|
FDS4435 FDS4435D84Z FDS4435F011 |
P-Channel Logic Level PowerTrenchTM MOSFET 8800 mA, 30 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET 9000 mA, 30 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET 8.8 A, 30 V, 0.02 ohm, P-CHANNEL, Si, POWER, MOSFET
|
Fairchild Semiconductor, Corp. FAIRCHILD SEMICONDUCTOR CORP
|
FDD6632 |
N-Channel Logic Level UltraFET Trench Power MOSFET 30V, 9A, 90mз 4 A, 30 V, 0.09 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252 N-Channel Logic Level UltraFET Trench Power MOSFET 30V/ 9A/ 90m N-Channel Logic Level UltraFET Trench Power MOSFET 30V, 9A, 90mOhm
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FQPF95N03L |
TRANSISTOR | MOSFET | N-CHANNEL | 30V V(BR)DSS | 57A I(D) | TO-220F 30V LOGIC N-Channel MOSFET 57 A, 30 V, 0.0115 ohm, N-CHANNEL, Si, POWER, MOSFET
|
FAIRCHILD SEMICONDUCTOR CORP
|
FDC6506PNL |
Dual P-Channel Logic Level PowerTrench MOSFET 1800 mA, 30 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Fairchild Semiconductor, Corp.
|
HUF76437P3 HUF76437S3S HUF76437S3ST |
64A, 60V, 0.017 Ohm, N-Channel, Logic Level UltraFETPower MOSFET 64A, 60V, 0.017 Ohm, N-Channel, Logic Level UltraFET Power MOSFET Dual Differential Drivers and Receivers With /-15-kV IEC ESD Protection 16-SO -40 to 85 71 A, 60 V, 0.017 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Fairchild Semiconductor, Corp.
|
|